Part Number Hot Search : 
ASI10 M5206 2SB175 KBPC1 BDW83A P4KE13 OZ9928 TMP95C
Product Description
Full Text Search
 

To Download BL-S300C-11E-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led numeric display, 1 digit bls300x11 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 1 of 5 www.betlux.com email: sales@betlux.com , betlux@betlux.com features:  76.00mm (3.0) single digit numeric display series  low current operation.  excellent character appearance.  easy mounting on p.c. boards or sockets.  i.c. compatible.  rohs compliance. super bright electrical-optical characteristics: (ta=25c) (test condition: if=20ma) part no chip vf unit:v common cathode common anode emitte d color material l p (nm) typ max iv typ.(mcd ) bls300c11sxx bls300d11sxx hi red gaalas/gaas,sh 660 1.85 2.20 200 bls300c11dxx bls300d11dxx super red gaalas/gaas,dh 660 1.85 2.20 300 bls300c11urxx bls300d11urxx ultra red gaalas/gaas,ddh 660 1.85 2.20 320 bls300c11exx bls300d11exx red gaasp/gap 635 2.10 2.50 210 bls300c11yxx bls300d11yxx yellow gaasp/gap 585 2.10 2.50 210 bls300c11gxx bls300d11gxx green gap/gap 570 2.20 2.50 210 ultra bright electrical-optical characteristics: (ta=25c) (test condition: if=20ma) part no chip vf unit:v common cathode common anode emitted color material l ll l p (nm) typ max iv typ.(mcd ) bls300c11uhrx x bls300d11uhrx x ultra red algainp 645 2.10 2.50 320 bls300c11uexx bls300d11uexx ultra red algainp 630 2.10 2.50 215 bls300c11yoxx bls300d11yoxx ultra amber algainp 619 2.10 2.50 215 bls300c11uyxx bls300d11uyxx ultra yellow algainp 590 2.10 2.50 215 bls300c11ugxx bls300d11ugxx ultra green algainp 574 2.20 2.50 300 bls300c11pgxx bls300d11pgxx ultra pure green ingan 525 3.80 4.50 350 bls300c11bxx bls300d11bxx ultra blue ingan 470 2.70 4.20 250 bls300c11wxx bls300d11wxx ultra white ingan / 2.70 4.20 270  xx: surface / lens color number 0 1 2 3 4 5 ref surface color white black gray red green epoxy color water clear white diffused red diffused green diffused yellow diffused
led numeric display, 1 digit bls300x11 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 2 of 5 www.betlux.com email: sales@betlux.com , betlux@betlux.com absolute maximum ratings (ta=25c) parameter s d ur e y g unit forward current i f 25 25 25 25 25 30 ma power dissipation p d 60 60 60 60 60 65 mw reverse voltage v r 5 5 5 5 5 5 v peak forward current i pf (duty 1/10 @1khz) 150 150 150 150 150 150 ma operation temperature t opr 40 to +80 c storage temperature t stg 40 to +85 c lead soldering temperature t sol max.2605c for 3 sec max. (1.6mm from the base of the epoxy bulb) c  absolute maximum ratings (ta=25c) parameter uhr ue yo uy ug pg ub uw unit forward current i f 30 30 30 30 30 30 30 30 ma power dissipation p d 75 65 65 65 75 110 120 120 mw reverse voltage v r 5 5 5 5 5 5 5 5 v peak forward current i pf (duty 1/10 @1khz) 150 150 150 150 150 150 100 100 ma operation temperature t opr 40 to +80 c storage temperature t stg 40 to +85 c lead soldering temperature t sol max.2605c for 3 sec max. (1.6mm from the base of the epoxy bulb) c
led numeric display, 1 digit bls300x11 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 3 of 5 www.betlux.com email: sales@betlux.com , betlux@betlux.com  package configuration & internal circuit diagram notes: 1. all dimensions are in millimeters (inches) 2. tolerance is 0.25(0.01")unless otherwise noted. 3. specifications are subject to change without not ice.
led numeric display, 1 digit bls300x11 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 4 of 5 www.betlux.com email: sales@betlux.com , betlux@betlux.com  typical electrical-optical characteristics curves: 1.0 0.5 0 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 (a) (b) (c) (d) (2) (3) (8) (4) (1) (6) (5) (9) (10) wavelength(nm) relative intensity vs wavelength( ) p (1) gaasp/gaas 655nm/red (2) gap 570nm/yellow green (3) gaasp/gap 585nm/yellow (4) gaasp/gap 635nm/orange & hieff red (5) gap 700nm/bright red (6) gaalas/gaas 660nm/super red (8) gaasp/gap 610nm/super red (9) gaalas 880nm (10) gaas/gaas & gaalas/gaas 940nm (a) gan/sic 430nm/blue (b) ingan/sic 470nm/blue (c) (d) ingan/sic 505nm/ultra green ingaal/sic 525nm/ultra green 50 40 30 20 10 0 1.2 1.6 2.0 2.4 2.6 3.0 1 6 3 4 5 2 8 4.0 3.0 2.0 1.0 0 20 40 60 80 100 15 b 50 40 30 20 10 0 20 40 60 80 100 16 2,4,8,a 35 32 1 0.5 0.2 0.1 30 20 10 0 10 20 30 40 50 60 70 1 5 42 3 10 98 7 6 5 4 3 2 1 1 10 100 1000 10,000 10khz 3khz 1khz 300khz 100khz frefresh rate 100khz 30khz 10khz 3khz 1khz 300hz 100hz 10 98 7 6 5 4 3 2 1 1 10 100 1000 10,000 forward voltage (vf) forward current vs. forward voltage relative luminous intensity vs. forward current ambient temperature ta( ) forward current vs. ambient temperature tppulse duration us (1,2,3,4,6,8,b.d.j.k) note:25 free air temperature unless otherwise speci fied tppulse duration us forward current(ma) forward current (ma) relative luminous intensity forward current(ma) relative luminous intensity ambient temperature ta( ) (5) ipeak max. idc max. i p e a k m a x . i d c m a x .
led numeric display, 1 digit bls300x11 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 5 of 5 www.betlux.com email: sales@betlux.com , betlux@betlux.com  packing and weighting 84g/pcs maximum 4pcs/bag maximum 5 bag/inner box 3 inner box /box 9 inner box /box


▲Up To Search▲   

 
Price & Availability of BL-S300C-11E-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X